RN5VD30CA-TL - Automotive Catalog Current Shunt Monitors -16-V to 80-V Common-Mode Range 5-SOT-23 -40 to 125 Enhanced Product Current Shunt Monitor -16 V To Plus80 V Common-Mode Range 5-SOT-23 -55 to 125 Automotive Catalog High-Side Measurement Current Shunt Monitor 8-TSSOP -40 to 125 Zero-Drift, Bi-directional Current/Power Monitor in SOT23 8-SOT-23 -25 to 85 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 3,61 N - 5,28 N [13 oz - 19 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO VOLTAGE DETECTOR WITH OUTPUT DELAY 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 CA-BAYONET 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 RES 39 OHM 1/10W 5% 0603 SMD 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 COAX T CONN BNC F-M-F 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 PLASTIC, SOT-23, 5 PIN High-Side Measurement Current-Shunt Monitor with Dual Comparators 10-MSOP -40 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 High-Side Measurement Current-Shunt Monitor with Dual Comparators 14-SOIC -40 to 125 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Precision, Low Power, G = 10, 100 Instrumentation Amplifier 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 |